Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 615 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 615 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-111
DSI expects the host to react within one clock cycle, some tricks can be implemented to support
the synchronous mode.
HTA drives LUPWAIT of the UPM. MxMR[UWPL] must be cleared to interpret the correct
polarity of HTA. Because this signal influences the internal state machine of the local bus clock,
the local bus cannot react to HTA changes correctly within one local bus clock. Refer to
Section 13.4.4.4.10, “Wait Mechanism (WAEN),” for more detailed information.
The solution to this lies in that the local bus operates at a higher frequency than the DSI interface
of the DSP. The local bus clock can be divided by an integer divider (1:2, 1:3 or 1:4) to generate
the DSI clock. This should not be a problem because the local bus is designed for much higher
frequencies than the DSI. Because all timings are given in DSP DSI clock cycles, the UPM
patterns must be adjusted appropriately and need to assert a signal for 2, 3 or 4 clocks (as many as
the divider ratio) instead of one. Fortunately, the UPM has the REDO feature, which allows every
UPM RAM entry to be executed 1
×, 2×, 3× or 4×, which should be sufficient for any divider ratio
that would be used in this case.
Figure 13-85. Interface to MSC8102 DSI in Synchronous Mode
This solution allows the local bus to react within multiple local bus clocks to the HTA signal and
be still within one DSI clock. Typically, LUPWAIT is synchronized internally, and only 2 clocks
after LUPWAIT changes, new data can be sampled or presented. For example, if the local bus
HWBS/HDBS/
HWBE/HDBE[0:3]
HD[0:31]
HA[11:26]
Latch
HCID[0:3]
HA[27:29]
HRDS/HRDE
HINT
HBRST
HBCS
HCS
MSC8102
Local Bus Interface
LAD[0:31]
LALE
LA[27:29]
LGPL2
LBS[0:3]
INTn
LGPLn
LCSn
LCSy
HCLKIN
HTA
Clock
LCLK
LUPWAIT
LGPLy
divider
Sync
logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com