Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 612 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 612 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-108
Freescale Semiconductor
Local Bus Controller
The DSI supports 32- or 64-bit data bus. For connection to the local bus the DSI has to be
configured in 32-bit mode. This is achieved through the DSP reset configuration.
The DSI supports two addressing modes, which are determined during the MSC8102 boot
sequence. Refer to details in the MSC8102 documentation.
•
Full address bus mode with HA[11:29] used in both 32-bit data mode and 64-bit data mode
•
Sliding window mode with HA[14:29] used in both 32-bit data mode and 64-bit data mode
13.5.6.2.1 DSI in Asynchronous SRAM-Like Mode
The local bus supports the DSI single strobe as well as the DSI double strobes of operation. As an
example the dual strobe configuration is shown below.
Figure 13-82 shows the interface to the MSC8102 DSI for asynchronous mode.
Figure 13-82. Interface to MSC8102 DSI in Asynchronous Mode
The asynchronous SRAM-like mode of the DSI is inherently slower than the synchronous mode
and should be used, if only relatively small amounts of data are transferred between the
communications controller and the MSC8102. To allow for maximum timing flexibility, the UPM
machine of the LBC should be used.
The UPM programmer is responsible for ensuring correct setup and hold timings for all signals.
The UPM allows sufficient control to satisfy any requirements here.
Figure 13-83 shows an asynchronous write access. The DSI samples the host chip ID signals
(HCID[0:3]) on the first falling edge of the host write byte strobe signals (HWBS) on which the
host chip select signal (HCS) is asserted. If the HCID[0:3] signals match the CHIPID value, the
HWBS/HDBS/
HWBE/HDBE[0:3]
HD[0:31]
HA[11:26]
Latch
HCID[0:3]
HA[27:29]
HRDS/HRDE
HTA
HINT
HBCS
HCS
MSC8102
Local Bus Interface
LAD[0:31]
LALE
LA[27:29]
LGPL2
LBS[0:3]
LUPWAIT
INTn
LCSn
LCSy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com