Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 614 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 614 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-110
Freescale Semiconductor
Local Bus Controller
(HD) and terminate the access by negating HRDS. If the data for this access is already in the read
buffer due to the prefetch mechanism, assertion time of HTA is improved. The WAEN feature of
the UPM must be used to insert wait states while the DSI is busy. MxMR[UWPL] has to be cleared
to interpret the correct polarity of the HTA signal.
Because the UPM is used in the mode, the DCR[4]:HTAAD should be set to 1 and the drive time
control field, DCR[9–10]:HTADT, should be defined to a value different than 00. This mode is
specially designed to be used for implementations with a pull-up resistor on HTA.
The host can start its next access (back-to-back accesses) without negating the HCS signal
between accesses. If the next access is not to the same MSC8102, then to prevent contention on
HTA, the host must wait until the previous DSI stops driving HTA before it accesses the next
device. If the next access is to the same MSC8102, the host must not start consecutive access
before HTA is actively driven to 1 by the previous access. The easiest way to achieve this is to
insert idle cycles at the end of the UPM pattern to guarantee that HTA is inactive.
Figure 13-84. Asynchronous Read from MSC8102 DSI
13.5.6.2.2 DSI in Synchronous Mode
The synchronous SSRAM-like mode of the DSI is inherently faster than the asynchronous mode
and should be used if larger amounts of data are transferred between the communications
controller and the MSC8102. This will optimize the bus utilization, especially if several
MSC8102s are connected to one local bus. The UPM machine of the LBC must be used to
implement this interface.
Figure 13-85 shows the interface for synchronous mode. Because the DSI will assert and negate
HTA in synchronous mode even within a burst transfer on a clock-by-clock basis and because the
HCS
HCID[0:3]
HA[11:29]
HDST[0:1]
HD[0:63]
HWBS[0:7]
HRDS
HTA
Legend:
Timing conventions:
Valid value that can be 1 or 0
Don’t care
Three-state output signal that is not driven by the DSI
1
0
1
0
HTAAD = 0 & HTADT = 00
HTAAD = 1 & HTADT = 01,10,11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com