Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 618 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 618 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-114
Freescale Semiconductor
Local Bus Controller
Synchronous Single Write
Figure 13-87 shows a synchronous single write access.
Figure 13-87. Synchronous Single Write to MSC8102 DSI
The DSI samples HA, HDST, HCID, HD, HWBE, HRDE, and HBRST on the first HCLKIN rising
edge on which HCS is asserted. If HCID[0:3] match the CHIPID value, the DSI is accessed. At
least one HWBE signal is asserted, and HRDE and HBRST are negated. Assertion of HTA
indicates that the DSI is ready to complete the current access and the host must terminate this
access. Because HTA is connected to the LUPWAIT signal of the UPM, all local bus signals are
frozen until HTA goes to 0 and then the UPM continues in its pattern. Typically, HTA is asserted
immediately. If the write buffer is full, HTA assertion is delayed. HTA is asserted for one HCLKIN
cycle, driven to logic 1 in the next cycle, and stops being driven on the next rising edge of
HCLKIN. The host can start its next access to the same MSC8102 immediately on the next
HCLKIN rising edge without negating HCS between accesses. If the next access is not to the same
MSC8102, then, to prevent contention on HTA, the host must wait to access the next device until
the previous DSI stops driving HTA. The easiest way to achieve this is to insert idle cycles at the
end of the UPM pattern to guarantee that HTA is inactive.
HCLKIN
HCS
HCID[0:3]
HA[11:29]
HDST[0:1]
HD[0:63]
HWBE[0:7]
HRDE
HBRST
HTA
Legend:
Timing conventions:
Valid value that can be 1 or 0
Don’t care
Three-state output signal that is not driven by the DSI
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com