Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 619 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 619 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-115
Synchronous Single Read
Figure 13-88 shows a synchronous single read access.
Figure 13-88. Synchronous Single Read from MSC8102 DSI
The DSI samples HA, HDST, HCID, HWBE, HRDE, and HBRST on the first HCLKIN rising
edge on which HCS is asserted. If the HCID[0:3] signals match the CHIPID value, the DSI is
accessed. HRDE is asserted, and HWBE and HBRST are negated. If DCR[8]:RPE is set (see
MSC8102 documentation), read access to the memory space (not to the register space) initiates
prefetching data from consecutive addresses in the internal memory space. Assertion of HTA
indicates that data is valid and the host must sample the HD and terminate the access. Because
HTA is connected to the UPM LUPWAIT signal, all local bus signals are frozen until HTA goes
to 0; then the UPM continues in its pattern. HTA is asserted earlier when the data for this access
is already prefetched to the read buffer. It asserted for one HCLKIN cycle and driven to logic 1 in
the next cycle. It stops being driven on the next rising edge of HCLKIN. The host can start its next
access to the same MSC8102 immediately in the next HCLKIN rising edge without negating HCS
between accesses. If the next access is not to the same MSC8102, then, to prevent contention on
HTA, the host must wait to access the next device until the previous DSI stops driving HTA. The
easiest way to achieve this is to insert idle cycles at the end of the UPM pattern to guarantee that
HTA is inactive.
HCLKIN
HCS
HCID[0:3]
HA[11:29]
HDST[0:1]
HD[0:63]
HWBE[0:7]
HRDE
HBRST
HTA
Legend:
Timing conventions:
Valid value that can be 1 or 0
Don’t care
Three-state output signal that is not driven by the DSI
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com