Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 623 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 623 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-119
and the DSP can exchange information through memory internal or external to the DSP and within
the address reach of the EHPI. The EHPI uses 23-bit addresses, where each address is assigned to
a 16-bit word in memory.
The EHPI has two modes, one for multiplexed address/data and one with separate buses.To allow
the connection of multiple DSPs and other peripherals on the local bus, the use of the EHPI
non-multiplexed mode is recommended. The EHPI uses the signals in Figure 13-48.
To achieve the timings required by the DSP host port and optimize the bus usage, the use of one
of the UPMs is recommended. Note that the DSP address signals reflect 16-bit addresses, whereas
local bus address signals reflect byte addresses. This essentially shifts address signals by one bit.
The EHPI host port’s two strobe pins, HDS1 and HDS2, allow different options to control
transfers. The UPM supports any of those options; however, the easiest is to use the single
active-low strobe mode and connect one UPM LGPL signal (whatever is available) to HDS.
Table 13-48. EHPI Signals
Signals
Type
Description
Connect With
HD[15:0]
I/O/Z Host data bus: Non-muxed mode: data only
LAD[0:15]
HA[19:4]
I
Host address bus: Non-muxed mode: addresses
Latched A[11:26]
HA[3:0]
Host address bus: lsbs
LA[27:30]
HBE[1:0]
I
Host byte-enable signals
00 Word, 0 MSB, 10 LSB, 11 Reserved
LBS[0:1]
HCS
I
Chip select signal
LCSn
HR/W
IR/W signal
LGPLy or inverted LBCTL
HDS1,
HDS2
I
Data strobe signals must be at least 2 DSP clocks wide
• Host has separate active-low read and write strobe pins: connect one
to HDS1, one to HDS2
• Host has one active-low strobe pin: connect to HDS1 or HDS2, the
other to 1
• Host has one active high-strobe pin: connect to HDS1 or HDS2, the
other to 0
LGPLn
HRDY
O
EHPI ready signal
LUPWAIT
HCNTL0
I
EHPI control signals. Non-muxed mode:
• HCNTL=1: access DSP data memory
• HCNTL=0: access EHPI control register
Application specific:
either GPIO pin or latched
address lines
HAS
I
Address strobe signal
HMODE
I
EHPI mode signal
High: non-muxed mode
Low: muxed mode
High
RST_MODE
I
Reset mode signal
HINT
O
DSP to host interrupt signal
INTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com