Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 624 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 624 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-120
Freescale Semiconductor
Local Bus Controller
In any case, the host port requires a HR/W signal. This can be generated by using another LGPL
signal and allows to adopt the timing virtually without restrictions. Alternatively the designer can
invert LBCTL to generate this signal. It is the responsibility of the UPM pattern designer to plan
for the additional delay of that inverter in the UPM pattern to satisfy AC timings at the DSP host
port.
Figure 13-91. Interface to Texas Instruments EHPI in Non-Multiplexed Mode
The DSP does not necessarily have deterministic access times. HRDY indicates whether the EHPI
is ready for an access. If the signal is low, wait states must be inserted in the cycle. The LUPWAIT
function of the UPM provides this mechanism. MxMR[UWPL] must be set to connect to this
active-low signal.
HD[15:0]
HA[19:4]
Latch
HCNTL0
HA[3:0]
HR/W
HCS
HBE[1:0]
HRDY
HINT
HDS1/HDS2
LAD[0:31]
LALE
LA[27:30]
LGPLy or inverted LBCTL
LCSn
LBS[1:0]
LUPWAIT
INTn
LGPLn
Local Bus Interface
LAD[16:31]
RST_MODE
HMODE
EHPI
MPC8540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com