Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 628 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 628 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-2
Freescale Semiconductor
Three-Speed Ethernet Controllers
Figure 14-1. Ethernet Protocol in Relation to the OSI Protocol Stack
Gigabit Ethernet provides the following sublayers:
•
Media access control (MAC) sublayer—The MAC sublayer provides a logical connection
between the MAC and its peer station. Its primary responsibility is to initialize, control, and
manage the connection with the peer station.
•
Reconciliation sublayer—The reconciliation sublayer acts as a command translator. It maps
the terminology and commands used in the MAC layer into electrical formats appropriate
for the physical layer entities.
•
MII (media-independent interface) sublayer—The MII sublayer provides a standard
interface between the MAC layer and the physical layer for 10/100 Mbps operations. It
isolates the MAC layer and the physical layer, enabling the MAC layer to be used with
various implementations of the physical layer.
•
GMII (gigabit media-independent interface) sublayer—The GMII sublayer provides a
standard interface between the MAC layer and the physical layer for 1-Gbps operation. It
isolates the MAC layer and the physical layer, enabling the MAC layer to be used with
various implementations of the physical layer.
•
PCS (physical coding sublayer)—The PCS sublayer is responsible for encoding and
decoding data stream to and from the MAC sublayer. Medium (1000BASEX) 8B/10B
coding is used for fiber. Medium (1000BASET) 8B1Q coding is used for unshielded
twisted pair (UTP).
•
PMA (physical medium attachment) sublayer—The PMA sublayer is responsible for
serializing code groups into a bit stream suitable for serial bit-oriented physical devices
Data Link
Physical
Logical link control (LLC)
Media access control (MAC)
OSI
Reference Model
Layers
LAN
CSMA/CD
Layers
Higher layers
10/100 Mbps
1-Gbps
10/100 Ethernet
Ethernet
Reconciliation
PCS
PMA
PMD
MDI
MII
Physical medium
Reconciliation
PCS
PMA
PMD
MDI
GMII
Physical medium
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com