Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 625 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 625 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-121
Figure 13-92 shows read timing required by the EHPI in non-multiplexed mode.
Figure 13-92. EHPI Non-Multiplexed Read Timings
Figure 13-93 shows write timing required by the EHPI in non-multiplexed mode.
Figure 13-93. EHPI Non-Multiplexed Write Timings
13.5.6.3.1 Expansion to Multiple DSPs
The connection shown above can be adapted easily to interface to multiple DSPs instead of only
one. Each DSP host port needs to receive its own chip select and interrupt signals, and HRDY must
be connected differently, depending on which DSP is used. All other signals can be connected to
all host ports in parallel.
HCS
HDS
HR/W
HA[18:0]
HD[15:0]
HRDY†
Data
Valid Address
† While HCS is not selected, HRDY is in Hi-Z state.
HCS
HDS
HR/W
HA[18:0]
HD[15:0]
HRDY†
Valid Address
Data Valid
Data Valid
Valid Address
† While HCS is not selected, HRDY is in Hi-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com