Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 627 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 627 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-1
Chapter 14
Three-Speed Ethernet Controllers
This chapter describes the two three-speed Ethernet controllers of the MPC8540. The two
controllers are referenced as TSEC1 and TSEC2. Note that this chapter does not include the
description of the separate 10/100 Ethernet controller (FEC) on the MPC8540.
14.1 Introduction
The Ethernet IEEE 802.3 protocol is widely used on LANs that are based on the carrier-sense
multiple access/collision detect (CSMA/CD) approach. Because Ethernet and IEEE 802.3
protocols are similar and can coexist on the same LAN, both are referred to as Ethernet in this
manual, unless otherwise noted. 10/100 Ethernet provides increased Ethernet speed from 10 to 100
megabits per second (Mbps) and provides a simple, cost-effective option for backbone and server
connectivity. This three-speed Ethernet controller (TSEC) also implements a gigabit Ethernet
protocol, which builds on top of the Ethernet protocol, but increases speed tenfold over 10/100
Ethernet to 1000 Mbps, or one gigabit per second (Gbps).
Gigabit Ethernet looks identical to Ethernet from the data link layer upward but it uses the ANSI
X3T11 FiberChannel FC-0 (interface and media) and FC-1 (encode/decode) for the PHY Layer.
In this manner, the standard takes advantage of the existing high-speed physical interface
technology of FiberChannel while maintaining the IEEE 802.3 Ethernet frame format, backward
compatibility for installed media, and the use of full- or half-duplex CSMA/CD.
The Ethernet protocol implements the bottom two layers of the open systems interconnection
(OSI) 7-layer model, that is, the data link and physical layers. Figure 14-1 shows the typical
Ethernet protocol stack and the relationship to the OSI model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com