Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 629 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 629 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-3
(SerDes) and vice versa. Synchronization is also performed for proper data decoding in this
sublayer. The PMA sits between the PCS and the PMD sublayers. For fiber medium
(1000BASEX) the interface on the PMD side of the PMA is a 1-bit 1250-MHz signal, while
on the PMA’s PCS side the interface is a 10-bit interface (TBI) at 125 MHz. The TBI is an
alternative to the GMII interface. If the TBI is used, the gigabit Ethernet controller must be
capable of performing the PCS function. For UTP medium, the PMD interface side of the
PMA consists of four pair of 62.5-MHz PAM5 encoded signals, while the PCS side
provides the 1250 Mbps input to a 8B1Q4 PCS.
•
PMD (physical medium dependent) sublayer—The PMD sublayer is responsible for signal
transmission. The typical PMD functionality includes amplifier, modulation, and wave
shaping. Different PMD devices may support different media.
•
MDI (medium-dependent interface) sublayer—MDI is a connector. It defines different
connector types for different physical media and PMD devices.
Figure 14-2 describes the different physical interface standards.
Figure 14-2. IEEE 802.3z and 802.3ab Physical Standards
Ethernet/IEEE 802.3 frames are based on the frame structure shown in Figure 14-3. The term
‘packet’ is sometimes used to refer to the frame plus the preamble and start frame delimiter (SFD).
Figure 14-3. Ethernet/IEEE 802.3 Frame Structure
Gigabit Media-Independent Interface (GMII) (optional)
1000BASEX PCS
8 bytes/10 bytes auto-negotiation
1000BaseLX
fiber optics
1000BaseSX
fiber optics
1000BaseCX
copper
MAC full-duplex and/or half-duplex
802.3ab
1000BaseT
PCS
1000BaseT
PMA
Shielded
copper cable
(25 m)
Multimode
fiber
(500 m)
Single-mode or
multimode fiber
(3 Km)
TBI
802.3z
Unshielded
twisted pair
(100 m)
Start frame
delimiter
Preamble
Data
Destination
address
Source
address
Type/
Length
6 bytes
1 byte
7 bytes
2 bytes
6 bytes
46–1500 bytes
4 bytes
Frame check
sequence
Frame length is 64–1518 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com