Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 633 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 633 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 1302 page
background image
Features
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-7
14.1.1 Three-Speed Ethernet Controller Overview
The TSEC is designed to support 10, 100, and 1000 Mbps Ethernet/802.3 networks and contains
the following components:
•
Ethernet media access controller (MAC)
•
First-in first-out (FIFO) controller
•
Direct memory access (DMA) controller
•
Ten-bit interface (TBI)
•
Register-based statistical module that supports management information base (MIB)
remote monitoring (RMON)
The most-significant byte of data in a receive or transmit data buffer corresponds to the
most-significant byte of a frame, respectively.
The complete TSEC is designed for single MAC applications. The TSEC supports several
standard MAC-PHY interfaces to connect to an external Ethernet transceiver:
•
MII interface running at 10/100 Mbps
•
GMII interface running at 1 Gbps
•
TBI interface that can be connected to a SerDes device for fibre channel applications.
•
Reduced signal count versions of the GMII (RGMII) and ten-bit (RTBI) interfaces
While most of this document refers to the non-reduced signal count interfaces, it must be
understood that these references also apply to the reduced signal count interfaces.
The TSEC software programming model is similar to the MPC8260 (PowerQUICC II) device.
Hence, it enables Freescale customers to leverage already implemented Ethernet drivers, reducing
the software development cycle.
14.2 Features
The MPC8540 TSEC includes these distinctive features:
•
IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.3ac, 802.3ab compliant
•
Support for different Ethernet physical interfaces:
— 10/100/1Gb IEEE 802.3 GMII
— 10/100 Mbps IEEE 802.3 MII
— 10-Mbps IEEE 802.3 MII
— 1-Gbps IEEE 802.3z TBI
— 10/100 Mbps RMII
— 1-Gbps full-duplex RGMII
— 1-Gbps RTBI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com