Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 637 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 637 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-11
EC_MDC
O
Management data clock. In GMII, MII, RGMII, RTBI or TBI mode this signal is a clock (typically
2.5 MHz) supplied by the MAC (IEEE–set minimum period of 400 ns or a frequency of 2.5 MHz,
but the device may be configured up to 12.5 MHz if supported by the PHY at that speed). This
clock is generated by dividing the core complex bus (CCB) clock by eight. The ratio can be
modified further by writing to MIIMCFG[29:31].
Note that this signal is used during reset to configure the TSEC interface to ‘reduced-signal’ or
‘non-reduced-signal’ mode. See Section 4.4.3, “Power-On Reset Configuration,” for more
information.
EC_MDIO
I/O Management data input/output, BIDI
State
Meaning
Asserted/Negated—In GMII, MII, RGMII, RTBI or TBI mode EC_MDIO is a
bidirectional signal to input PHY-supplied status during management read
cycles and output control during MII management write cycles.
Timing Asserted/Negated—This signal is required to be synchronous with the EC_MDC
signal.
TSECn_RX_CLK
I
Receive clock. In GMII, MII or RGMII mode, the receive clock TSECn_RX_CLK is a continuous
clock (2.5, 25, or 125 MHz) that provides a timing reference for TSECn_RX_DV, TSECn_RXD,
and TSECn_RX_ER.
In TBI mode, TSECn_RX_CLK is the input for a 62.5-MHz PMA receive clock, 0 split phase with
PMA_RX_CLK1 and is supplied by the SerDes.
In RTBI mode it is a 125-MHz receive clock.
TSECn_RX_DV
I
Receive data valid. In GMII or MII mode, if TSECn_RX_DV is asserted, the PHY is indicating
that valid data is present on the GMII and MII interfaces.
In RGMII mode, TSECn_RX_DV becomes RX_CTL. The RX_DV and RX_ERR are received on
this signal on the rising and falling edges of TSECn_RX_CLK.
In TBI mode, TSECn_RX_DV represents receive code group (RCG) bit 8. Together, with
RCG[9] and RCG[7:0], they represents the 10-bit encoded symbol of GMII receive signals.
In RTBI mode, TSECn_RX_DV represents receive code group (RCG) bit 4 and 9. On the
positive edge of the TSECn_RX_CLK, RCG[4] and RCG[3:0] represents the first half of the
10-bit encoded symbol. On the negative edge of the TSECn_RX_CLK, RCG[9] and RCG[8:4]
represents the second half of the 10-bit encoded symbol.
TSECn_RXD[7:0]
I
Receive data in. In GMII mode, TSECn_RXD[7:4] with TSECn_RXD[3:0], represent one
complete octet of data to be transferred from the PHY to the MAC when TSECn_RX_DV is
asserted.
In TBI mode, TSECn_RXD[7:4] represents RCG[7:4]. Together, with RCG[9:8] and RCG[3:0],
they represent the 10-bit encoded symbol of GMII receive signals.
In GMII mode, TSECn_RXD[3:0] represents a nibble of data to be transferred from the PHY to
the MAC when TSECn_RX_DV is asserted. A completely-formed SFD must be passed across
the MII. While TSECn_RX_DV is not asserted, TSECn_RXD has no meaning.
In RGMII or RTBI mode, TSECn_RXD[3:0] are received on the rising edge of TSECn_RX_CLK
and TSECn_RXD[7:4] are received on the falling edge of TSECn_RX_CLK.
In TBI mode, TSECn_RXD[3:0] represents RCG[3:0]. Together, with RCG[9:4], they represent
the 10-bit encoded symbol of GMII receive signals.
Table 14-1. TSEC Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com