Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 640 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 640 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 644Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-14
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.2 Detailed Memory Map—Control/Status Registers
Table 14-3 lists the address, name, and a cross-reference to the complete description of each
register. The offsets to the memory map table are defined for both TSECs. That is, TSEC1 starts
at 0x2_4000 address offset and TSEC2 starts at 0x2_5000 address offset. The registers for TSEC1
are listed in Table 14-3, but the registers for TSEC2 are not. Note in Table 14-3 that the registers
are the same for TSEC2 except that the offset changes from 0x2_4nnn to 0x2_5nnn.
600–7FF
TSEC RMON MIB registers
800–8FF
TSEC HASH function registers
900–AFF
Reserved
B00–BFF
TSEC attribute registers
C00–FFF
Future expansion space
Table 14-3. Module Memory Map
Offset
Name
Access1
Reset
Section/Page
TSEC1 General Control and Status Registers
0x2_4000–
0x2_400C
Reserved
R
0x0000_0000
—
0x2_4010
IEVENT—Interrupt event register
R/W
0x0000_0000
14.5.3.1.1/14-20
0x2_4014
IMASK—Interrupt mask register
R/W
0x0000_0000
14.5.3.1.2/14-23
0x2_4018
EDIS—Error disabled register
R/W
0x0000_0000
14.5.3.1.3/14-24
0x2_401C
Reserved
R
0x0000_0000
—
0x2_4020
ECNTRL—Ethernet control register
R/W
0x0000_0000
14.5.3.1.4/14-25
0x2_4024
MINFLR—Minimum frame length register
R/W
0x0000_0040
14.5.3.1.5/14-26
0x2_4028
PTV—Pause time value register
R/W
0x0000_0000
14.5.3.1.6/14-27
0x2_402C
DMACTRL—DMA control register
R/W
0x0000_0000
14.5.3.1.7/14-28
0x2_4030
TBIPA—TBI PHY address register
R/W
0x0000_0000
14.5.3.1.8/14-29
0x2_4034–
0x2_4048
Reserved
R
0x0000_0000
—
TSEC1 FIFO Control and Status Registers
0x2_404C
FIFO_PAUSE_CTRL—FIFO pause control register
R/W
0x0000_0000
14.5.3.2.1/14-30
0x2_4050–
0x2_4088
Reserved
R
0x0000_0000
—
0x2_408C
FIFO_TX_THR—FIFO transmit threshold register
R/W
0x0000_0100
14.5.3.2.2/14-31
Table 14-2. Module Memory Map Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com