Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 636 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 636 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-10
Freescale Semiconductor
Three-Speed Ethernet Controllers
The TSEC network interface supports multiple options:
•
The MII option requires 18 I/O signals (including the EC_MDIO and EC_MDC MII
management interface) and supports both a data and a management interface to the PHY
(transceiver) device. The MII option supports both 10- and 100-Mbps Ethernet rates.
•
The GMII option is a superset of the MII signals and supports a 1-Gbps Ethernet rate.
•
The TBI interface shares signals with the GMII interface signals.
•
Finally, RGMII and RTBI options are reduced-signal implementations of the GMII and TBI
interfaces.
14.4.1 Detailed Signal Descriptions
Table 14-1 contains detailed descriptions of the TSEC interface signals. For RGMII mode details
please refer to the Hewlett-Packard reduced gigabit media-independent interface (RGMII)
specification version 1.2a, dated 9/22/2000. All other modes follow the IEEE 802.3 standard, 2000
Edition. Input signals not used are internally disabled. Output signals not used are driven low.
Table 14-1. TSEC Signals—Detailed Signal Descriptions
Signal
I/O
Description
TSECn_COL
I
Collision input. The behavior of this signal is not specified while in full-duplex mode.
State
Meaning
Asserted/Negated—In MII mode, this signal is asserted upon detection of a collision,
and must remain asserted while the collision persists.
This signal is not used in the TSEC GMII, TBI, RTBI and RGMII modes.
Timing Asserted/Negated—This signal is not required to transition synchronously with
TSECn_TX_CLK or TSECn_RX_CLK.
TSECn_CRS
I
Carrier sense input. In TBI and RTBI modes this signal can be used as SDET (signal detect),
an optional signal that some PHYs generate in TBI or RTBI modes. This signal is not used in
the TSEC GMII or RGMII modes.
State
Meaning
Asserted/Negated—In MII mode, TSECn_TX_CLK is asserted while the transmit or
receive medium is not idle. In the event of a collision, TSECn_CRS must
remain asserted for the duration of the collision.
Timing Asserted/Negated—This signal is not required to transition synchronously with
TSECn_TX_CLK or TSECn_RX_CLK.
TSECn_GTX_CLK
O
Gigabit transmit clock. This signal is an output from the TSEC into the PHY. In GMII, TBI, or
RTBI mode TSECn_GTX_CLK is a 125-MHz clock that provides a timing reference for TX_EN,
TXD, and TX_ER.
In RGMII mode TSECn_GTX_CLK becomes the transmit clock and provides timing reference
during 1000Base-T (125-MHz), 100Base-T (25-MHz) and 10Base-T (2.5-MHz) transmissions.
This signal is not used in MII mode.
EC_GTX_CLK125
I
Gigabit transmit 125-MHz source. This signal must be generated externally with a crystal or
oscillator, or is sometimes provided by the PHY. In GMII, RGMII, RTBI or TBI mode,
EC_GTX_CLK125 is a 125-MHz input into the TSEC and is used to generate all 125-MHz
related signals and clocks.
This input is not used in MII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com