Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 634 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 634 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-8
Freescale Semiconductor
Three-Speed Ethernet Controllers
•
Full- and half-duplex support (1 Gbps supports only full-duplex)
•
IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or software
programmed PAUSE frame generation and recognition)
•
Support for out-of-sequence transmit queue (for initiating flow control)
•
Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and IEEE
802.1 virtual local area network (VLAN) frames
•
Retransmission from transmit FIFO following a collision
•
Support for CRC generation and verification of inbound/outbound packets
•
Address recognition
— Each exact match can be programmed to be accepted or rejected
— Broadcast address (accept/reject)
— Exact match 48-bit individual (unicast) address
— Hash (256-bit hash) check of individual (unicast) addresses
— Hash (256-bit hash) check of group (multicast) addresses
— Promiscuous mode
•
Extraction data and its associated buffer descriptors can be directed to the processor’s L2
cache to reduce access latency
•
Interrupt coalescing subject to a threshold frame counter and/or a threshold timer
(Independent functionality for received and transmitted frames)
•
RMON statistics support
14.3 Modes of Operation
The primary TSEC operational modes are the following:
•
Full- and half-duplex operation
This is determined by MACCFG2 register’s Full Duplex bit. Full-duplex mode is intended
for use on point to point links between switches or end node to switch. Half-duplex mode
is used in connections between an end node and a repeater or between repeaters.
If configured in half-duplex mode (only 10- and 100-Mbps operation; MACCFG2
register’s Full Duplex bit is cleared), the MAC complies with the IEEE CSMA/CD access
method.
If configured in full-duplex mode (10/100/1Gb operation; MACCFG2 register’s Full
Duplex bit is set), the MAC supports flow control. If flow control is enabled, it allows the
MAC to receive or send PAUSE frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com