| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 635 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 635 Page - Freescale Semiconductor, Inc |
|
635 / 1302 page ![]() External Signal Descriptions MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 14-9 • 10- and 100-Mbps MII interface operation The MAC-PHY interface operates in MII mode by configuring bits 22–23 of MACCFG2 (MACCFG2[I/F Mode] = 01). The MII is the media-independent interface defined by the 802.3 standard for 10/100 Mbps operation. The speed of operation is determined by the TSECn_TX_CLK and TSECn_RX_CLK signals, which are driven by the transceiver. The transceiver either auto-negotiates the speed or it may be controlled by software via the serial management interface (EC_MDC/EC_MDIO signals) to the transceiver. • 1-Gbps GMII and TBI interface operation The MAC-PHY interface operates in GMII mode by configuring bits 22–23 of MACCFG2 (MACCFG2[I/F Mode] = 10). The GMII is the gigabit media-independent interface defined by the 802.3 standard for 1-Gbps operation. Independently, the MAC-PHY interface can also operate in TBI mode. Note that either the TBI or GMII interface is chosen; not both at the same time. TBI is the ten-bit interface which contains PCS functions (ten-bit encoding/decoding) as defined by the 802.3 standard. In reduced signal count mode (RGMII or RTBI), the MAC remains configured in GMII or TBI but the TSEC multiplexes and decodes the input signals and provides the MAC with the expected interface. TSEC provides the TSECn_GTX_CLK to the PHY in either GMII or TBI mode of operation. • Address recognition options The options supported are promiscuous, broadcast, exact individual address hash or exact match, and multicast hash match. For detailed descriptions refer to Section 14.5.3.8.1, “Individual Address Registers 0–7 (IADDRn),” Section 14.5.3.8.2, “Group Address Registers 0–7 (GADDRn),” Section 14.5.3.4.1, “Receive Control Register (RCTRL),” and Section 14.6.2.6, “Frame Recognition.” • RMON support See Section 14.6.2.5, “RMON Support.” • Internal loop back Internal loop back mode is selected through the Loop Back bit in the MACCFG1 register. See Section 14.6.2.10, “Internal and External Loop Back,” for details. 14.4 External Signal Descriptions This section defines the TSEC signals. The buses are described using the bus convention used in IEEE 802.3 because the PHY follows this same convention (that is, TxD[7:0] means 0 is the lsb). Notice that except for external physical interfaces the buses and registers follow a big-endian format. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |