Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 632 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 632 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-6
Freescale Semiconductor
Three-Speed Ethernet Controllers
layers and additional information must be added to the LLC in order to provide information
regarding those protocols. Protocols that fall into this category include IP and IPX. The method
used to provide this additional protocol information is called a subnetwork access protocol
(SNAP) frame. A SNAP encapsulation is indicated by the DSAP and SSAP addresses being set to
0xAA and the LLC control field being set to 0x03. If that address is seen, a SNAP header follows.
The SNAP header is five bytes long. The first three bytes consist of the organization code (SNAP
OUI), which is assigned by the IEEE. The last two bytes become the type value set from the
original Ethernet specifications if SNAP OUI = 0, or they become a SNAP protocol identifier if
SNAP OUI is non zero.
The three-speed Ethernet controller (TSEC) allows the flexibility to accelerate the identification
and retrieval of all the standard and non-standard protocols mentioned above. Figure 14-5 shows
the block diagram of the TSEC.
Figure 14-5. TSEC Block Diagram
Address/Data
filtering
MAC Layer
DMA
Tx system CLK
data path
Pack
words
Unpack
words
Rx FIFO
2 Kbytes
FIFO
control
Tx FIFO
2 Kbytes
Tx/Rx descriptors
Tx/Rx data
Tx/Rx status
Block
interface
Clocks
To PHY
To PHY
To PHY
To PHY
GMII
Reduced
Signal
Reduced
Signal
TBI
TBI
GMII
RGMI
RTBI
TBI
or
or
or
MII Mgmt
MIB
Counters
Interface
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com