Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 638 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 638 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 642Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-12
Freescale Semiconductor
Three-Speed Ethernet Controllers
TSECn_RX_ER
I
Receive error
State
Meaning
Asserted/Negated—In GMII or MII mode, if TSECn_RX_ER and TSECn_RX_DV
are asserted, the PHY has detected an error in the current frame.
In TBI mode, TSECn_RX_ER represents RCG[9]. Together, with RCG[8:0],
they represent the 10-bit encoded symbol of GMII receive signals.
This signal is not used in the TSEC RTBI or RGMII modes.
TSECn_TX_CLK
I
Transmit clock in. In MII mode, TSECn_TX_CLK is a continuous clock (2.5 or 25 MHz) that
provides a timing reference for the TSECn_TX_EN, TSECn_TXD, and TSECn_TX_ER signals.
In GMII mode, TSECn_TX_CLK provides the 2.5 or 25-MHz timing reference during 10Base-T
and 100Base-T and comes from the PHY. In 1000Base-T this clock is not used and
TSECn_GTX_CLK (125 MHz) becomes the timing reference. The TSECn_GTX_CLK is
generated in the TSEC and provided to the PHY and the MAC. The TSECn_TX_CLK is
generated in the PHY and provided to the MAC.
In TBI mode, this signal is PMA receive clock 1 62.5 MHz, split phase with PMA_RX_CLK0, and
is supplied by the SerDes.
This signal is not used in the TSEC RTBI or RGMII modes.
TSECn_TXD[7:0]
O
Transmit data out. In GMII mode, TSECn_TXD[7:4], together with TSECn_TXD[3:0], represent
one complete octet of data to be sent from the MAC to the PHY when TSEC_TX_DV is asserted
and has no meaning while TSECn_TX_EN is negated.
In TBI mode, TSECn_TXD[7:4] represents transmit code group (TCG) bits 7:4. Together, with
TCG[9:8] and TCG[3:0], they represent the 10-bit encoded symbol.
In GMII or MII mode, TSECn_TXD[3:0] represent a nibble of data to be sent from the MAC to
the PHY when TSECn_TX_EN is asserted and have no meaning while TSECn_TX_EN is
negated.
In RGMII or RTBI mode, TSECn_TXD[3:0] are transmitted on the rising edge of
TSECn_TX_CLK, and TSECn_TXD[7:4] are transmitted on the falling edge of
TSECn_TX_CLK.
In TBI mode, TSECn_TXD[3:0] represents TCG[3:0]. Together, with TCG[9:4], they represent
the 10-bit encoded symbol.
Note that some of these signals are also used during reset to configure the TSEC interface in
GMII or TBI mode. Additionally, some of these signals are used for other reset configuration
settings for the MPC8540. See Section 4.4.3, “Power-On Reset Configuration,” for more
information.
TSECn_TX_EN
O
Transmit data valid. In GMII or MII mode, if TSECn_TX_EN is asserted, the MAC is indicating
that valid data is present on the GMII’s or the MII’s TSECn_TXD signals.
In RGMII mode, TSECn_TX_EN becomes TX_CTL. TX_EN and TX_ERR are asserted on this
signal on rising and falling edges of the TSECn_TX_CLK, respectively.
In TBI mode, TSECn_TX_EN represents TCG[8]. Together, with TCG[9] and TCG[7:0], they
represent the 10-bit encoded symbol.
In RTBI mode, TSECn_TX_EN represents TCG[4]. Together with TCG[9], TCG[3:0] and
TCG[8:5], they represent the 10-bit encoded symbol.
TSECn_TX_ER
O
Transmit error. In GMII or MII mode, assertion of TSECn_TX_ER for one or more clock cycles
while TSECn_TX_EN is asserted causes the PHY to transmit one or more illegal symbols.
Asserting TSECn_TX_ER has no effect while operating at 10 Mbps or while TSECn_TX_EN is
negated. This signal transitions synchronously with respect to TSECn_TX_CLK.
In TBI mode, TSECn_TX_ER represents TCG[9]. Together, with TCG[8:0], they represents the
10-bit encoded symbol.
This signal is not used in the TSEC RTBI or RGMII modes.
Table 14-1. TSEC Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com