Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 642 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 642 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 646Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-16
Freescale Semiconductor
Three-Speed Ethernet Controllers
0x2_4310
RXIC—Receive interrupt coalescing configuration
register
R/W
0x0000_0000
14.5.3.4.4/14-43
0x2_4314–
0x2_4320
Reserved
R
0x0000_0000
—
0x2_4324
CRBPTR—Current RxBD pointer register
R
0x0000_0000
14.5.3.4.5/14-44
0x2_4328–
0x2_433C
Reserved
R
0x0000_0000
—
0x2_4340
MRBLR—Maximum receive buffer length register
R/W
0x0000_0000
14.5.3.4.6/14-44
0x2_4344–
0x2_4380
Reserved
R
0x0000_0000
—
0x2_4384
RBPTR—RxBD pointer register
R/W
0x0000_0000
14.5.3.4.7/14-45
0x2_4388–
0x2_4400
Reserved
R
0x0000_0000
—
0x2_4404
RBASE—RxBD base address register
R/W
0x0000_0000
14.5.3.4.8/14-45
0x2_4408–
0x2_44FC
Reserved
R
0x0000_0000
—
TSEC1 MAC Registers
0x2_4500
MACCFG1—MAC configuration register 1
R/W
0x0000_0000
14.5.3.6.1/14-49
0x2_4504
MACCFG2—MAC configuration register 2
R/W
0x0000_7000
14.5.3.6.2/14-51
0x2_4508
IPGIFG—Inter-packet gap/inter-frame gap register
R/W
0x4060_5060
14.5.3.6.3/14-52
0x2_450C
HAFDUP—Half-duplex register
R/W
0x00A1_F037
14.5.3.6.4/14-53
0x2_4510
MAXFRM—Maximum frame length register
R/W
0x0000_0600
14.5.3.6.5/14-54
0x2_4514–
0x2_451C
Reserved
R
0x0000_0000
—
0x2_4520
MIIMCFG—MII management configuration register
R/W
0x0000_0000
14.5.3.6.6/14-54
0x2_4524
MIIMCOM—MII Management command register
R/W
0x0000_0000
14.5.3.6.7/14-55
0x2_4528
MIIMADD—MII Management address register
R/W
0x0000_0000
14.5.3.6.8/14-56
0x2_452C
MIIMCON—MII Management control register
W
0x0000_0000
14.5.3.6.9/14-57
0x2_4530
MIIMSTAT—MII Management status register
R
0x0000_0000
14.5.3.6.10/14-57
0x2_4534
MIIMIND—MII Management indicator register
R
0x0000_0000
14.5.3.6.11/14-58
0x2_4538
Reserved
R
0x0000_0000
—
0x2_453C
IFSTAT—Interface status register
R/W
0x0000_0000
14.5.3.6.12/14-58
0x2_4540
MACSTNADDR1—Station address register, part 1
R/W
0x0000_0000
14.5.3.6.13/14-59
Table 14-3. Module Memory Map (continued)
Offset
Name
Access1
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com