Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 641 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 641 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 645Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-15
0x2_4090–
0x2_4094
Reserved
R
0x0000_0000
—
0x2_4098
FIFO_TX_STARVE—FIFO transmit starve register
R/W
0x0000_0080
14.5.3.2.3/14-32
0x2_409C
FIFO_TX_STARVE_SHUTOFF—FIFO transmit starve
shutoff register
R/W
0x0000_0100
14.5.3.2.4/14-32
0x2_40A0–
0x2_40FC
Reserved
R
0x0000_0000
—
TSEC1 Transmit Control and Status Registers
0x2_4100
TCTRL—Transmit control register
R/W
0x0000_0000
14.5.3.3.1/14-33
0x2_4104
TSTAT—Transmit status register
R/W
0x0000_0000
14.5.3.3.2/14-34
0x2_4108
Reserved
R
0x0000_0000
—
0x2_410C
TBDLEN—TxBD data length register
R
0x0000_0000
14.5.3.3.3/14-35
0x2_4110
TXIC—Transmit interrupt coalescing configuration
register
R/W
0x0000_0000
14.5.3.3.4/14-35
0x2_4114–
0x2_4120
Reserved
R
0x0000_0000
—
0x2_4124
CTBPTR—Current TxBD pointer register
R
0x0000_0000
14.5.3.3.5/14-36
0x2_4128–
0x2_4180
Reserved
R
0x0000_0000
—
0x2_4184
TBPTR—TxBD pointer register
R/W
0x0000_0000
14.5.3.3.6/14-37
0x2_4188–
0x2_4200
Reserved
R
0x0000_0000
—
0x2_4204
TBASE—TxBD base address register
R/W
0x0000_0000
14.5.3.3.7/14-37
0x2_4208–
0x2_42AC
Reserved
R
0x0000_0000
—
0x2_42B0
OSTBD—Out-of-sequence TxBD register
R/W
0x0800_0000
14.5.3.3.8/14-38
0x2_42B4
OSTBDP—Out-of-sequence Tx data buffer pointer
register
R/W
0x0000_0000
14.5.3.3.9/14-40
0x2_42B8–
0x2_42FC
Reserved
R
0x0000_0000
—
TSEC1 Receive Control and Status Registers
0x2_4300
RCTRL—Receive control register
R/W
0x0000_0000
14.5.3.4.1/14-41
0x2_4304
RSTAT—Receive status register
R/W
0x0000_0000
14.5.3.4.2/14-41
0x2_4308
Reserved
R
0x0000_0000
—
0x2_430C
RBDLEN—RxBD data length register
R
0x0000_0000
14.5.3.4.3/14-42
Table 14-3. Module Memory Map (continued)
Offset
Name
Access1
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com