Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 639 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 639 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 643Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-13
14.5 Memory Map/Register Definition
The TSEC uses a software model similar to that employed by the Fast Ethernet function supported
on the Freescale MPC8260 CPM FCC and in the FEC of the MPC860T.
The TSEC device is programmed by a combination of control/status registers (CSR) and buffer
descriptors. The CSRs are used for mode control, interrupts, and to access status information. The
descriptors are used to pass data buffers and related buffer status or frame information between the
hardware and software.
All accesses to and from the registers must be made with 32-bit accesses. There is no support for
accesses of sizes other than 32 bits.
This section of the document defines the memory map and describes the registers in detail. The
buffer descriptor is described in Section 14.6.3, “Buffer Descriptors.”
The ten-bit interface (TBI) module MII registers are also described in this section. The TBI
registers are defined like PHY registers and, as such, are accessed via the MII management
interface in the same way as the PHYs are accessed. For detailed descriptions of the TBI registers
(the MII register set for the ten-bit interface) please refer to Section 14.5.4, “Ten-Bit Interface
(TBI).”
14.5.1 Top-Level Module Memory Map
The TSEC implementation requires 4 Kbytes of memory-mapped space, of which more than 1
Kbyte is reserved for future expansion. The space is divided into the following sections:
•
General control/status registers
•
Transmit-specific control/status registers
•
Receive-specific control/status registers
•
MAC registers
•
Event/statistic counters held in the MIB block
•
Hash function registers
Table 14-2 defines the top-level memory map.
Table 14-2. Module Memory Map Summary
Address
Function
000–0FF
TSEC general control/status registers
100–2FF
TSEC transmit control/status registers
300–4FF
TSEC receive control/status registers
500–5FF
TSEC MAC registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com