Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 621 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 621 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-117
Synchronous Burst Read
Figure 13-90 shows a synchronous burst read access. The DSI samples HA, HDST, HCID,
HWBE, HRDE, and HBRST on the first HCLKIN rising edge on which HCS is asserted. If
HCID[0:3] match the CHIPID value, the DSI is accessed.
Figure 13-90. Synchronous Burst Read from MSC8102 DSI
HRDE and HBRST are asserted and HWBE are negated. When the DCR[8]:RPE bit (see the
MSC8102 documentation) is set, a burst read access initiates data prefetching from consecutive
addresses in the internal memory space. Assertion of HTA indicates that data is valid for the
current beat of the access and the host must proceed to the next beat of this access. Because HTA
is connected to the LUPWAIT signal of the UPM, all local bus signals are frozen until HTA goes
to 0 and then the UPM continues in its pattern. When the host reaches the last beat of the access,
it must terminate the burst access. The HTA is asserted earlier when the data for this access is
already prefetched to the read buffer. Typically, after the first beat of the burst access, HTA remains
asserted until the end of the access. After the last beat of the access, HTA is driven to 1 and stops
being driven in the next rising edge of HCLKIN. The host can start its next access to the same
MSC8102 immediately in the next HCLKIN rising edge without negating HCS between accesses.
If the next access is not to the same MSC8102, to prevent contention on HTA, the host must wait
to access the next device until the previous DSI stops driving the HTA signal. The easiest way to
achieve this is insert idle cycles at the end of the UPM pattern to guarantee that HTA is inactive.
HCLKIN
D(A+n)
D(A+2)
D(A+1)
D(A+2)
HCS
HCID[0:3]
HA[11:29]
HDST[0:1]
HD[0:63]
HWBE[0:7]
HRDE
HBRST
HTA
Legend:
Timing conventions:
Valid value that can be 1 or 0
Don’t care
Three-state output signal that is not driven by the DSI
1
0
1
0
n = 3 in 64-bit data bus interface
n = 7 in 32-bit data bus interface
A
D(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com