Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 622 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 622 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 626Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-118
Freescale Semiconductor
Local Bus Controller
13.5.6.2.3 Broadcast Accesses
Using HBCS, a host can share one chip-select signal between multiple MSC8102 devices for
broadcasting write accesses. In broadcast mode, the DSI does not drive its HTA signal to prevent
contention between multiple devices driving different values to the same signal. Also, the DSI
does not decode HCID[0:3].
Note that broadcasting is allowed only for write accesses.
The DSI sets the DSI error register (DER) OVF bit if there is an overflow during broadcast
accesses. This bit can be cleared by writing a value of 1 to it.
NOTE
To avoid overflow when accessing DSI registers during broadcast
accesses, wait at least 10 host clock cycles in synchronous mode or 8
internal clock cycles in asynchronous mode between each DSI register
access.
To avoid data corruption, if DER[0]:OVF is set, no broadcast access is written until the bit is reset.
Therefore, after the last broadcast access, and before any regular write access, DER[0]:OVF must
first be read and reset if it is set.
NOTE
In asynchronous mode, write data from a previous access (even a
normal write access) may be lost due to overflow during broadcast
accesses. To prevent such a loss, ensure that previous access data has
propagated to the FIFO or DSI registers, depending on the type of
previous access. This can be achieved by performing a read access
prior to the first broadcast access.
In broadcast accesses, the host must comply with the following rules:
•
In asynchronous mode, HWBS[0:3]/HDBS[0:3] assertion time should be at least the
minimum, which is defined in the AC characteristics section of the MSC8102 Technical
Data sheet.
•
In synchronous mode single access, the host must wait 1 cycle before terminating the
access. Access signals must be in the same valid state during two positive edges of the host
clock cycles. Access duration is two clock cycles (the DSI may translate accesses lasting
longer than two clock cycles as two or more back-to-back accesses).
•
In synchronous mode burst accesses, broadcast accesses are not allowed.
13.5.6.3
Interfacing to EHPI from Texas Instruments TMS320Cxxxx DSPs
The enhanced host port interface (EHPI) on DSPs from Texas Instruments provides a 16-bit-wide
parallel port through which a host processor can directly access the memory of the DSP. The host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com