Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 613 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 613 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 617Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-109
DSI is accessed. The DSI will signal with the assertion of the host transfer acknowledge signal
(HTA), whether it is ready to sample the host data bus (HD), and the host can terminate the access
by immediately negating HWBS. The WAEN feature of the UPM must be used to insert wait states
while the DSI is busy. The UWPL bit in the MxMR must be cleared to interpret the correct polarity
of HTA. The DSI samples the host address bus (HA) and the host data bus (HD) on the rising edge
of HWBS. In addition the assertion of HWBS[0:3] are sampled at the end and are part of the access
attributes.
Because the UPM is used for this mode, the DCR[4]:HTAAD should be set to 1 and
DCR[9–10]:HTADT should be defined to a value different than 00. This mode is to be used in
implementations with a pull-up resistor on HTA. The host can start its next access (back-to-back
accesses) without negating HCS between accesses. If the next access is not to the same MSC8102,
then to prevent contention on the HTA signal, the host must wait until the previous DSI stops
driving HTA before it accesses the next device. If the next access is to the same MSC8102, the
host must not start consecutive accesses before HTA is actively driven to a value of 1 by the
previous access. The easiest way to achieve this is to insert idle cycles at the end of the UPM
pattern to guarantee that HTA is inactive.
Figure 13-83. Asynchronous Write to MSC8102 DSI
Figure 13-84 shows an asynchronous read access. The DSI samples the host address bus (HA) and
the HCID on the first falling edge of the host read strobe signal (HRDS) on which the HCS is
asserted. If HCID[0:3] match the CHIPID value, the DSI is accessed. When the DCR[8]:RPE bit
is set, read access to the memory space (not to the register space) initiates data prefetching from
consecutive addresses in the internal memory space. The DSI signals (with the assertion of the host
transfer acknowledge signal (HTA)) that data is valid, and the host can sample the host data bus
HCS
HCID[0:3]
HA[11:29]
HDST[0:1]
HD[0:63]
HWBS[0:7]
HRDS
HTA
Legend:
Timing conventions:
Valid value that can be 1 or 0
Don’t care
Three-state output signal that is not driven by the DSI
1
0
1
0
HTAAD=0 & HTADT=00
HTAAD=1 & HTADT=01,10,11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com