Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 609 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 609 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-105
13.5.6.1.2 Physical Interconnections
The physical interconnections between the UPM controlled local bus and the HDI16 of the
MSC8101 HDI16 peripheral are given in Table 13-46 and Figure 13-81.
Figure 13-81. Interface to MSC8101 HDI16
Table 13-46. Local Bus to MSC8101 HDI16 Connections
MSC8101
Signal(s)
Type
Description
Connect with Local Bus Signal
HD[0:15]
I/O/Z
Host data bus
LAD[0:15]
HA[0]
I
Host address line
Either LA[27] or latched A25
HA[1]
I
Host address line
Either LA[28] or latched A26
HA[2]
I
Host address line
LA[29]
HA[3]
I
Host address line
LA[30]
HCS1
I
Host chip select 1
LCSn
HCS2
I
Host chip select 2
Tie this to VDD
HRDRW
I
Host R/W signal
LGPL1 or inverted LBCTL signal
HDS
I
Host data strobe signal
LGPLy
HRRQ/HACK
O
Receive host request OP
As required in application
HTRQ/HREQ
O
Transmit host request OP
As required in application
HD[0:15]
HA[0:1]
Latch
HA[2:3]
HCS1
HRDRW
HDS
HRRQ/HACK
HTRQ/HREQ
LAD[0:31]
LALE
LA[29:30]
LCSn
LGPLy
As required
LGPL1
Local Bus Interface
LAD[0:15]
HCS2
MSC8101
LA[27:28]
in application
or inverted LBCTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com