Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 608 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 608 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-104
Freescale Semiconductor
Local Bus Controller
All of the HDI16 peripheral’s registers are mapped directly onto the MSC8101’s QBus, as defined
by the MSC8101 16-bit Digital Signal Processor Reference Manual (order number
MSC8101RM); the transmit and receive FIFOs are mapped onto the DMA data bus such that the
DMA controller can access them directly without core intervention. The addressing for each of
these registers is defined in Section 13.5.6.1.2, “Physical Interconnections.”
The HDI16 host port itself is a 16-bit-wide parallel port with various strobe and multiplexing
options.
The most important HDI16 host port facet is that it is specified as an asynchronous interface and
so reduces concerns over clock skew between the HDI16 host port and the host device’s buses.
Furthermore, with all the host port registers being accessed with a single chip select and four
address lines, as far as the local bus is concerned, the DSP host port is akin to an asynchronous
memory mapped region. So, for the HDI16 port in single strobe mode, the host device asserts a
chip select, a single data strobe and a read/write line to select HDI16 read or write bus operations.
The read and write strobes are also used as the data latch control to complete the bus transactions,
obviating the need for any handshake termination signal from the DSP. The UPM programmer is
responsible for satisfying the AC timings of the HDI16 transactions.
Through appropriate mode selection, the HDI16 peripheral’s feature set can be fully supported by
the local bus’s UPM controlled signals. The UPM defined interface can be used with any of the
local bus’s eight chip selects to give the 16-bit port size and strobe generation that matches that of
the HDI16 host port.
Figure 13-80 shows the internal register diagram of the HDI16.
Figure 13-80. MSC8101 HDI16 Peripheral Registers
TX0
TX1
TX2
TX3
HORX
HCR
HSR
HCVR
HPCR
RX0
RX1
RX2
RX3
16
16
16
16
HOTX
ISR
ICR
CVR
16
16
16
64
64
QBus Data Bus
DMA Data Bus
Host Bus
16
16
16
16
16
16
16
16
64
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com