Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 604 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 604 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-100
Freescale Semiconductor
Local Bus Controller
Clock skew (time of flight): clock skew between the LBC and the clock at the memory device. The
local bus DLL feedback mechanism must be used to control this skew to optimize the timing
margins, as described in the rest of this subsection.
Address setup margin = cycle time – local bus address CTQ – SDRAM address input setup time
– address TOF + clock skew
Address hold margin = local bus address output hold time + address TOF – SDRAM address input
hold time – clock skew
Data write to SDRAM setup margin = cycle time – local bus data CTQ – SDRAM data input setup
time – data TOF + clock skew
Data write to SDRAM hold margin = local bus data output hold time + data TOF – SDRAM data
input hold time – clock skew
Data read from SDRAM setup margin = cycle time – SDRAM data CTQ – local bus data input
setup time – data TOF – clock skew
Data read from SDRAM hold margin = SDRAM data output hold time + data TOF – local bus data
input hold time + clock skew
To improve the timing margins a DLL is used to generate external clocks, which minimize the
skew between the local bus and the memory clock. Figure 13-77 shows relative timings for the
local bus clock DLL.
Figure 13-77. Local Bus DLL Operation
tD = tDLL+tP
RBC (reference bus clock)
LSYNC_OUT
LSYNC_IN
LCLK
LBC output signals on pins
tP
tL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com