Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 603 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 603 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-99
13.5.4.3.8 SDRAM Timing
To allow for very high speeds on the memory bus, the capacitive loading on the local bus must be
taken into consideration as shown in Table 13-44.
Note: Capacitance values compiled from worst case numbers from various data sheets from Samsung and Micron
To implement a system using the hierarchy described earlier for two synchronous memory banks,
one address latch and one buffer loading the multiplexed address/data bus sees a loading of four
loads of about 6.5 pF maximum. 30 pF can be used as a nominal load.
Note: AC characteristics compiled from worst-case numbers from various data sheets from Samsung and Micron
Setup and Hold Timing Calculations:
Address TOF (time of flight): board layout delay
Data TOF (time of flight): board layout delay
Table 13-44. SDRAM Capacitance
Pin
Min
Max
Unit
CLK
2.0
4.0
pf
RAS, CAS, WE, CS, CKE, DQM
2.0
5.0
pf
Address
2.0
5.0
pf
DQ0–DQ31
3.5
6.5
pf
Table 13-45. SDRAM AC Characteristics
Parameter
Device Speed
Unit
166 MHz
133 MHz
Min
Max
Min
Max
CLK cycle time
CAS latency = 3
6
1000
7.5
1000
ns
CAS latency = 2
—
7.5
CLK to valid output delay
CAS latency = 3
—
5
—
5.4
ns
CAS latency = 2
—
—
—
5.4
Output data hold time
CAS latency = 3
2.5
—
3
—
ns
CAS latency = 2
—
—
3
—
Input setup time
1.5
—
2
—
ns
Input hold time
1
—
1
—
ns
CLK to output in Hi-Z
CAS latency = 3
—
5
5.4
—
ns
CAS latency = 2
—
—
5.4
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com