Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 599 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 599 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-95
13.5.4.3.4 256-Mbyte SDRAM
This example uses the same Micron SDRAM as in the previous example, but doubles the number
of devices connected and therefore uses two chip selects.
13.5.4.3.5 512-Mbyte SDRAM
This example uses the MT48LC64M4A2FB from Micron to implement 512 Mbytes.
In this SDRAM organization:
•
The 32-bit port size is 8
× 4 × 64 Mbit × 2 chip select lines.
•
Each device has 4 internal banks, 13 row address lines, and 11 column address lines.
Table 13-39. Register Settings for 128-Mbytes SDRAMs
Register
Field
Value
BRn
BA
Base address
XBA
Ext. Base Address
PS
11 = 32-bit port size
MS
011 = SDRAM-local bus
V1
ORn
AM
11_1111_1000_0000_0000_0
XAM
11
COLS
011
ROWS
100
LSDMR
RFEN
1
OP
000
BSMA
011
RFRC
From device data sheet
PRETOACT
From device data sheet
ACTTOROW
From device data sheet
BL
0
WRC
From device data sheet
BUFCMD
0
CL
From device data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com