Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 596 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 596 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-92
Freescale Semiconductor
Local Bus Controller
13.5.4.3 SDRAM Machine Limitations
This section describes limitations of the local bus SDRAM machine.
13.5.4.3.1 Analysis of Maximum Row Number Due to Bank Select
Multiplexing
LSDMR[BSMA] is used to multiplex the bank select address. The BSMA field and corresponding
multiplexed address are shown below:
000 LA12–LA13
001 LA13–LA14
…
111 LA19–LA20
Note that LA12 is the latched value of LAD12.
The highest address pins that the bank selects can be multiplexed with are LA[12:13], which limits
the pins for the row address to LA[14:31]. For a 32-bit port, the maximum width of the local bus,
LA[30:31] are not connected, and the maximum row is LA[14:29]. The local bus SDRAM
machine supports 15 rows, which is sufficient for all devices.
13.5.4.3.2 Bank Select Signals
Page-based interleaving allows bank signals to be multiplexed to the higher-order address pins to
leave room for future upgrades. For example, a user could multiplex the bank select signals to
LA[14:15], leaving LA16 to connect to the address pin for a larger memory size.
This allows the system designer to design one board that can be used with a current generation of
SDRAM devices and upgraded to the next generation without requiring a new board layout.
13.5.4.3.3 128-Mbyte SDRAM
Figure 13-74 shows the connection to an SDRAM of 128 Mbytes. Note that all circuit diagrams
are principal connection diagrams and do not show any means of signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com