Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 595 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 595 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-91
All the chip selects share the same local bus SDRAM mode register (LSDMR) for initialization
along with the local bus-assigned SDRAM refresh timer register (LSRT) and the memory refresh
timer prescaler register (MPTPR) for refresh.
For refresh, the memory controller supplies auto refresh to SDRAM according to the time interval
specified in LSRT and MPTPR as follows:
This represents the time period required between refreshes. When the refresh timer expires, the
memory controller issues a CBR to each chip select. Each CBR is separated by one clock. A
refresh timing diagram for multiple chip selects is shown in Figure 13-51 in Section 13.4.3.11.1,
“SDRAM Refresh Timing.”
During a memory transaction dispatched to the local bus, the memory controller compares the
memory address with the address information of each chip select (programmed with BRn and
ORn). If the comparison matches a chip select that is controlled by SDRAM, the memory
controller requests service to the local bus SDRAM machine, depending on the information in
BRn. Although multiple chip selects may be programmed for SDRAM, only one chip select is
active at any given time; thus, multiple chip selects can share the same SDRAM machine.
13.5.4.2
Maximum Amount of SDRAM Supported
Table 13-34 summarizes information based on SDRAM data sheets supplied by Micron.
The data port size is programmable, but the following examples use all 32 bits of the local bus.
The 32-bit port size requires four SDRAM devices (with 8-bit I/O ports) connected in parallel to
a single chip select. If 128-Mbit devices are used, one chip select provides 128-Mbit/device x 4
devices = 64 Mbytes. If 4 chip selects are programmed for SDRAM use, the result is 64 Mbytes x
4 = 256 Mbyte. If 256-Mbit SDRAM devices are used, the total available memory is 512 Mbyte.
Consequently 512-Mbit devices allow for 1 Gbyte.
Although there is no technical difficulty in supporting multiple chip select configurations, in
practice, the user may want to maximize the amount of SDRAM assigned to each chip select to
minimize cost.
Table 13-34. Micron SDRAM Devices
SDRAM
Device
64 Mbit
128 Mbit
256 Mbit
512 Mbit
I/O Port
x4
x8
x16
x32
x4
x8
x16
x32
x4
x8
x16
x32
x4
x8
x16
x32
Bank
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
Row
12
12
12
11
12
12
12
12
13
13
13
13
13
13
13
TBD
Column
10
9
8
8
11
10
9
8
11
10
9
8
12
11
10
TBD
Refresh Period
LSRTx MPTPR PTP
[]
()
System Frequency
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com