Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 766 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 766 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 770Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-140
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-130 describes the register initializations required to reconfigure the PHY to TBI mode
following initial auto-negotiation.
Table 14-130. TBI Mode Register Initialization Steps
Have the TSECn_GTX_CLK configuration signal pulled high and
EC_MDC signal pulled high for TBI mode.
(TSEC attempts to auto-negotiate after system reset.)
Set Soft_Reset,
MACCFG1[1000_0000_0000_0000_0000_0000_0000_0000]
Clear Soft_Reset,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0101]
Initialize MACCFG2,
MACCFG2[0000_0000_0000_0000_0111_0010_0000_0101]
(I/F Mode = 2, Full Duplex = 1)
Initialize ECNTRL,
ECNTRL[0000_0000_0000_0000_0001_0000_0000_0000]
(This example has Statistics Enable = 1)
Initialize MAC Station Address
MACSTNADDR2[0110_0000_0000_0010_0000_0000_0000_0000]
to 02608C:876543, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Initialize MAC Station Address
MACSTNADDR1[0100_0011_0110_0101_1000_0111_1000_1100]
to 02608C:876543, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Assign a Physical address to the TBI,
TBIPA[0000_0000_0000_0000_0000_0000_0001_0000]
set to 16, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Setup the MII Mgmt clock speed,
MIIMCFG[0000_0000_0000_0000_0000_0000_0000_0111]
Set source clock divide by 28, for example, to insure that EC_MDC clock speed is not greater than 2.5 MHz.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the TSEC MII Mgmt bus is idle.
Set up the MII Mgmt for a read cycle to TBI Control register (write the TBI address and Register address),
MIIMADD[0000_0000_0000_0000_0001_0000_0000_0000]
The TBI Control register is at offset address 0x0 from TBIPA.
Perform an MII Mgmt read cycle to verify state of TBI Control Register (Optional)
Clear MIIMCOM[Read Cycle]
Set MIIMCOM[Read Cycle]
(Uses the TBI address and Register address placed in MIIMADD register),
When MIIMIND[BUSY]=0,
read the MIIMSTAT and look for AN Enable and other bit information.
Set up the MII Mgmt for a write cycle to TBI’s AN Advertisement register (write the PHY address and Register
address),
MIIMADD[0000_0000_0000_0000_0001_0000_0000_0100]
The AN Advertisement register is at offset address 0x04 from the TBI’s address. (in this case 0x10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com