Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 762 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 762 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 766Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-136
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-126 describes the shared signals of the GMII interface.
Table 14-127 describes the register initializations required to reconfigure the PHY to GMII mode
following initial auto-negotiation.
Table 14-126. Shared GMII Signals
TSEC Signals
I/O
No. of
Signals
GMII Signals
I/O
No. of
Signals
Function
EC_MDIO
I/O
1
EC_MDIO
I/O
1
Management interface I/O
EC_MDC
O
1
EC_MDC
O
1
Management interface Clock
EC_GTX_CLK125
I
1
EC_GTX_CLK125
I
1
Reference Clock
Sum3
Sum3
Table 14-127. GMII Mode Register Initialization Steps
Have the TSECn_GTX_CLK configuration signal pulled low for G/MII mode.
Set Soft_Reset,
MACCFG1[1000_0000_0000_0000_0000_0000_0000_0000]
Clear Soft_Reset,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize MACCFG2, for GMII, Full duplex operation.
Set I/F Mode bit.
MACCFG2[0000_0000_0000_0000_0111_0010_0000_0101]
(This example has Full Duplex = 1, Preamble count = 7, PAD/CRC append = 1)
Initialize ECNTRL,
ECNTRL[0000_0000_0000_0000_0001_0000_0000_0000]
(This example has Statistics Enable = 1)
Initialize MAC Station Address,
MACSTNADDR2[0110_0000_0000_0010_0000_0000_0000_0000]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Initialize MAC Station Address,
MACSTNADDR1[0100_0011_0110_0101_1000_0111_1000_1100]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Assign a Physical address to the TBI so as to not conflict with the external PHY Physical address,
TBIPA[0000_0000_0000_0000_0000_0000_0000_0101]
Set to 05, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Reset the management interface,
MIIMCFG[1000_0000_0000_0000_0000_0000_0000_0000]
Setup the MII Mgmt clock speed,
MIIMCFG[0000_0000_0000_0000_0000_0000_0000_0101]
Set source clock divide by 14, for example, to insure that EC_MDC clock speed is approximately 2.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com