Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 759 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 759 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 763Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-133
Initialize ECNTRL,
ECNTRL[0000_0000_0000_0000_0001_0000_0000_0000]
(This example has Statistics Enable = 1)
Initialize MAC Station Address,
MACSTNADDR2[0110_0000_0000_0010_0000_0000_0000_0000]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Initialize MAC Station Address,
MACSTNADDR1[0100_0011_0110_0101_1000_0111_1000_1100]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Assign a Physical address to the TBI so as to not conflict with the external PHY Physical address,
TBIPA[0000_0000_0000_0000_0000_0000_0000_0101]
Set to 05, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Reset the management interface.
MIIMCFG[1000_0000_0000_0000_0000_0000_0000_0000]
Setup the MII Mgmt clock speed,
MIIMCFG[0000_0000_0000_0000_000_0000_0000_0101]
set source clock divide by 14, for example, to insure that EC_MDC clock speed is approximately 2.5 MHz.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the TSEC MII Mgmt bus is idle.
Set up the MII Mgmt for a write cycle to the external PHY Auxiliary Control and Status Register to configure the PHY
through the Management interface (overrides configuration signals of the PHY).
MIIMADD[0000_0000_0000_0000_0000_0000_0001_1100]
Perform an MII Mgmt write cycle to the external PHY
Writing to MII Mgmt Control with 16-bit data intended for the external PHY register,
MIIMCON[0000_0000_0000_0000_0000_0000_0000_0100]
Check to see if MII Mgmt write is complete
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the write cycle was completed.
Set up the MII Mgmt for a write cycle to the external PHY Extended PHY control register 1 to set up the interface
mode selection.
MIIMADD[0000_0000_0000_0000_0000_0000_0001_0111]
Perform an MII Mgmt write cycle to the external PHY.
Write to MII Mgmt Control with 16-bit data intended for the external PHY register,
MIIMCON[0000_0000_0000_0000_0000_0000_0000_0000]
Check to see if MII Mgmt write is complete.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the write cycle was completed.
Set up the MII Mgmt for a write cycle to the external PHY Mode control register to set up the interface mode selection.
MIIMADD[0000_0000_0000_0000_0000_0000_0000_0000]
Table 14-124. MII Mode Register Initialization Steps (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com