Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 755 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 755 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 759Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-129
MC, LG, NO, SH, CR, OV, and TR bits in the first word of the buffer descriptor are only modified
by the TSEC if the L bit is set. The first word of the RxBD contains control and status bits. Its
format is detailed in Figure 14-119 below.
Table 14-121 describes the fields of the RxBD.
0123456
789
10
11
12
13
14
15
Offset + 0
E
RO1
W
I
L
F
0
M
BCMCLG
NO
SH
CROV
TR
Offset + 2
Data Length
Offset + 4
RX Data Buffer Pointer
Offset + 6
Figure 14-119. Receive Buffer Descriptor
Table 14-121. Receive Buffer Descriptor Field Descriptions
Offset
Bits
Name
Description
Offset + 0
0
E
Empty. Written by TSEC (when cleared) and by user (when set).
0 The data buffer associated with this BD is filled with received data, or data reception is
aborted due to an error condition. The status and length fields have been updated as
required.
1 The data buffer associated with this BD is empty, or reception is currently in progress.
Offset + 0
1
RO1
Receive software ownership bit. Reserved for use by software. This read/write bit is not
modified by hardware, nor does its value affect hardware.
Offset + 0
2
W
Wrap. Written by user
0 The next buffer descriptor is found in the consecutive location.
1 The next buffer descriptor is found at the location defined in RBASE.
Offset + 0
3
I
Interrupt. Written by user
0 No interrupt is generated after this buffer is serviced.
1 IEVENT[RXB] or IEVENT[RXF] are set after this buffer is serviced. This bit can cause an
interrupt if enabled (IMASK[RXBEN] is set or IMASK[RXFEN] is set). If the user wants to
be interrupted only if RXF occurs, then the user must disable RXB (IMASK[RXBEN] is
cleared) and enable RXF (IMASK[RXFEN] is set).
Offset + 0
4
L
Last in frame. Written by TSEC
0 The buffer is not the last in a frame.
1 The buffer is the last in a frame.
Offset + 0
5
F
First in frame. Written by TSEC
0 The buffer is not the first in a frame.
1 The buffer is the first in a frame.
Offset + 0
6
—
Reserved
Offset + 0
7
M
Miss. Written by TSEC. (This bit is valid only if the L-bit is set and TSEC is in promiscuous
mode.) This bit is set by the TSEC for frames that were accepted in promiscuous mode, but
were flagged as a ‘miss’ by the internal address recognition; thus, while in promiscuous mode,
the user can use the M-bit to quickly determine whether the frame was destined to this station.
0 The frame was received because of an address recognition hit.
1 The frame was received because of promiscuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com