Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 753 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 753 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 757Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-127
The TSEC clears the R bit in the first word of the BD after it finishes using the data buffer. The
transfer status bits are then updated. Additional transmit frame status can be found in statistic
counters in the MIB block. Figure 14-118 shows the TxBD.
The TxBD fields are detailed in Table 14-120.
0
1
2
3
4
5
6
7
8
9
10
13
14
15
Offset + 0 R
PAD/CRC
W
I
L
TC
DEF
TO1
HFE/LC
RL
RC
UN
TXTRUNC
Offset + 2
Data Length
Offset + 4
TX Data Buffer Pointer
Offset + 6
Figure 14-118. Transmit Buffer Descriptor
Table 14-120. Transmit Data Buffer Descriptor (TxBD) Field Descriptions
Offset
Bits
Name
Description
Offset + 0
0
R
Ready. Written by TSEC and user
0 The data buffer associated with this BD is not ready for transmission. The user is free to
manipulate this BD or its associated data buffer. The TSEC clears this bit after the buffer
is transmitted or after an error condition is encountered.
1 The data buffer, which is prepared for transmission by the user, was not transmitted or is
currently being transmitted. No fields of this BD may be written by the user once this bit
is set.
Offset + 0
1
PAD/
CRC
PAD/CRC. Padding and CRC attachment for frames. (Valid only while it is set in the first BD
and MACCFG2[PAD/CRC] is cleared.) If MACCFG2[PAD/CRC] is set, this bit is ignored.
0 Do not add padding to short frames. No CRC is appended unless TxBD[TC] is set.
1 Add PAD/CRCs to frames. PAD bytes are inserted until the length of the transmitted
frame equals 64 bytes. Unlike the MPC8260 which PADs up to MINFLR value, TSEC
PADs always up to the IEEE minimum frame length of 64 bytes. CRC is always
appended to frames.
Offset + 0
2
W
Wrap. Written by user
0 The next buffer descriptor is found in the consecutive location.
1 The next buffer descriptor is found at the location defined in TBASE.
Offset + 0
3
I
Interrupt. Written by user
0 No interrupt is generated after this buffer is serviced.
1 IEVENT[TXB] or IEVENT[TXF] are set after this buffer is serviced. These bits can cause
an interrupt if they are enabled (That is, IEVENT[TXBEN] or IEVENT[TXFEN] are set).
Offset + 0
4
L
Last in frame. Written by user
0 The buffer is not the last in the transmit frame.
1 The buffer is the last in the transmit frame.
Offset + 0
5
TC
Tx CRC. Written by user. (Valid only while it is set in first BD and TxBD[PAD/CRC] is cleared
and MACCFG2[PAD/CRC] is cleared and MACCFG2[CRC EN] is cleared.) If
MACCFG2[PAD/CRC] is set or MACCFG2[CRC EN] is set, this bit is ignored.
0 End transmission immediately after the last data byte with no hardware generated CRC
appended, unless TxBD[PAD/CRC] is set.
1 Transmit the CRC sequence after the last data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com