Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 749 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 749 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-123
The transmit or receive timer threshold counter is reset when a corresponding interrupt is raised
and begins counting again upon deassertion of that interrupt and once IEVENT[TXF or RXF] is
set.
14.6.2.9 Inter-Packet Gap Time
If a station must transmit, it waits until the LAN becomes silent for a specified period (inter-packet
gap). After a station begins sending, it continually checks for collisions on the LAN. If a collision
is detected, the station forces a jam signal (all ones) on its frame and stops transmitting. Collisions
usually occur close to the beginning of a packet. The station then waits a random time period
(back-off) before attempting to send again. After the back-off completes, the station waits for
silence on the LAN and then begins retransmission on the LAN. This process is called a retry. If
the packet is not successfully sent within a specified number of retries, an error is indicated.
The minimum inter-packet gap time for back-to-back transmission is 96 serial clocks. The receiver
receives back-to-back packets with this minimum spacing. In addition, after waiting a required
number of clocks (based on the back-off algorithm), the transmitter waits for carrier sense to be
negated before retransmitting the packet. Retransmission begins 36 serial clocks after carrier sense
is negated for at least 60 serial clocks.
14.6.2.10 Internal and External Loop Back
Setting MACCFG1[Loop Back] causes the MAC transmit outputs to be looped back to the MAC
receive inputs. Clearing this bit results in normal operation. This bit is cleared by default.
14.6.2.11 Error-Handling Procedure
The Ethernet controller reports frame reception and transmission error conditions using the
channel BDs, the error counters, and the IEVENT register.
Programming note: When the TSEC encounters a halt condition (TSTAT[THLT] is set), it stops
processing the frame at the current TxBD. The TSEC relies on the user to manage the buffer
descriptor pointer, TBPTR, or the buffer descriptor queue before resuming transmissions. Once the
TSEC resumes, it fetches the TxBD pointed to by TBPTR.
Table 14-117. Interrupt Coalescing Timing Threshold Ranges
TSEC Interface Format and
Frequency
Interrupt Coalescing Threshold Time
Minimum (ICTT=1)
Maximum (ICTT=65535)
10Base-T at 2.5 MHz
25.6 µs
1.678 s
100Base-T at 25 MHz
2.56 µs
167.8 ms
1000Base-T at 125 MHz
512 ns
33.55 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com