Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 747 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 747 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-121
•
Clear any set halt bits in TSTAT and RSTAT registers, or DMACTRL[GTS] and
DMACTRL[GRS].
•
Continue normal execution.
14.6.2.8.1 Interrupt Coalescing
Interrupt coalescing offers the user the ability to contour the behavior of the TSEC with regard to
frame interrupts. Separate but identical mechanisms exist for handling both transmitted frames and
received frames. While interrupt coalescing is enabled a transmit or receive frame interrupt
(resulting from the interrupt bit (I) of the buffer descriptor in question and appropriately-enabled
by the IMASK register) is raised either when a counter threshold-defined number of frames is
received/transmitted or the timer threshold-defined period of time has lapsed, whichever occurs
first.
Table 14-115. Non-Error Transmit Interrupts
Interrupt
Description
Action taken by TSEC
GTSC
Graceful transmit stop complete: transmitter is put into a
pause state after completion of the frame currently being
transmitted.
None
TXC
Transmit control: Instead of the next transmit frame, a
control frame was sent.
None
TXB
Transmit buffer: A transmit buffer descriptor, that is not the
last one in the frame, was updated.
Programmable “write with response”
TxBD to memory before setting
IEVENT[TXB].
TXF
Transmit frame: A frame was transmitted and the last
transmit buffer descriptor (TxBD) of that frame was
updated.
Programmable “write with response” to
memory on the last TxBD before setting
IEVENT[TXF].
Table 14-116. Non-Error Receive Interrupts
Interrupt
Description
Action taken by TSEC
GRSC
Graceful receive stop complete: Receiver is put into a
pause state after completion of the frame currently being
received.
None
RXC
Receive control: A control frame was received. As soon as
the transmitter finishes sending the current frame, a pause
operation is performed lasting for the duration specified in
the received pause control frame and beginning when the
frame was first received.
None
RXB
Receive buffer: A receive buffer descriptor, that is not the
last one of the frame, was updated.
Programmable “write with response”
RxBD to memory before setting
IEVENT[RXB].
RXF
Receive frame: A frame was received and the last receive
buffer descriptor (RxBD) of that frame was updated.
Programmable “write with response” to
memory on the last RxBD before setting
IEVENT[RXF].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com