Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 743 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 743 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 741Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 742Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 743Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 744Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 745Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 747Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-117
Figure 14-115. Ethernet Address Recognition Flowchart
The Ethernet controller compares the destination address field of the received frame with the
physical address the user programs in the station address registers (MACSTNADDR1 and
MACSTNADDR2). If the DA does not match the station address, then the controller performs
address recognition on multiple individual addresses using the IADDRn hash table. The user must
I/G Address
Station
Address Match?
I
G
Broadcast
Address
Broadcast
Reject
T
F
Hash Search
(Use Group
Table)
T
Hash Match?
T
Promiscuous?
T
F
F
F
F
T
Receive Frame
Incoming
Frame
Hash Search
(Use Individual
Table)
Discard Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com