| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 742 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 742 Page - Freescale Semiconductor, Inc |
|
742 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 14-116 Freescale Semiconductor Three-Speed Ethernet Controllers Receive frames are not truncated if they exceed maximum frame bytes in the MAC’s maximum frame register if MACCFG2[Huge Frame] is set, yet the babbling receiver error interrupt occurs (IEVENT[BABR] is set) and RxBD[LG] is set. After the receive frame is complete, the Ethernet controller sets RxBD[L], updates the frame status bits in the RxBD, and clears RxBD[E]. If RxBD[I] is set, the Ethernet controller next generates an interrupt (that can be masked) indicating that a frame was received and is in memory. The Ethernet controller then waits for a new frame. To interrupt reception or rearrange the receive queue, DMACTRL[GRS] must be set. If this bit is set, the TSEC receiver performs a graceful receive stop. The Ethernet controller stops immediately if no frames are being received or continues receiving until the current frame either finishes or an error condition occurs. The IEVENT[GRSC] interrupt event is signalled after the graceful receive stop operation is completed. While in this mode the user can then clear IEVENT[GRSC] and can write to registers that are accessible to both the user and the TSEC hardware without fear of conflict. After DMACTRL[GRS] is cleared, the TSEC scans the input data stream for the start of a new frame (preamble sequence and start of frame delimiter), it resumes receiving, and the first valid frame received is placed in the next available RxBD. 14.6.2.5 RMON Support TSEC automatically gathers network statistics required for RMON without needing to receive all addresses. The RMON MIB group 1, RMON MIB group 2, RMON MIB group 3, RMON MIB group 9, RMON MIB 2, and the 802.3 Ethernet MIB are supported. For RMON statistics and their corresponding counters see the memory map. 14.6.2.6 Frame Recognition The Ethernet controller performs frame recognition using destination address (DA) recognition. A frame can be rejected or accepted based on the outcome. 14.6.2.6.1 Destination Address Recognition The Ethernet controller can also perform the frame filtering using the traditional destination address (DA) recognition methods. Figure 14-115 is a flowchart for address recognition on received frames that is used to explain the concept. In the actual implementation most of the decision points shown in the figure actually occur simultaneously. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |