Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 750 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 750 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 754Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 750 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-124
Freescale Semiconductor
Three-Speed Ethernet Controllers
Transmission errors are described in Table 14-118.
Reception errors are described in Table 14-119.
Table 14-118. Transmission Errors
Error
Response
Transmitter
underrun
The controller sends 32 bits that ensure a CRC error, terminates buffer transmission, sets TxBD[UN],
closes the buffer, sets IEVENT[XFUN] and IEVENT[TXE]. The controller resumes transmission after
TSTAT[THLT] is cleared (and DMACTRL[GTS] is cleared).
Retransmission
attempts limit
expired
The controller terminates buffer transmission, sets TxBD[RL], closes the buffer, sets
IEVENT[CRL/XDA] and IEVENT[TXE]. Transmission resumes after TSTAT[THLT] is cleared (and
DMACTRL[GTS] is cleared).
Excessive
defer abort
The controller terminates buffer transmission, sets TxBD[DEF], closes the buffer, sets
IEVENT[CRC/XDA], and IEVENT[TXE]. Transmission resumes after TSTAT[THLT] is cleared.
Late collision
The controller terminates buffer transmission, sets TxBD[LC], closes the buffer, sets IEVENT[LC]
and IEVENT[TXE]. The controller resumes transmission after TSTAT[THLT] is cleared (and
DMACTRL[GTS] is cleared).
Memory Read
Error
A system bus error occurred during a DMA transaction. The controller sets IEVENT[EBERR], DMA
stops sending data to the FIFO which causes an underrun error but IEVENT[XFUN] is not set. The
TSTAT[THLT] is set. Transmits are continued once TSTAT[THLT] is cleared.
Babbling
Transmit Error
A frame is transmitted which exceeds the MAC’s Maximum Frame Length and MACCFG2[Huge
Frame] is a 0. The controller sets IEVENT[BABT] and continues without interruption.
TxBD[TXTRUNC] is set in the last TxBD (TxBD[L] is set) of the frame.
Table 14-119. Reception Errors
Error
Description
Overrun error
The Ethernet controller maintains an internal FIFO buffer for receiving data. If a receiver FIFO buffer
overrun occurs, the controller sets RxBD[OV], sets RxBD[L], closes the buffer, and sets
IEVENT[RXF], The receiver then enters hunt mode (seeking start of a new frame).
Busy error
A frame is received and discarded due to a lack of buffers. The controller sets IEVENT[BSY]. In
addition, the RSTAT[QHLT] bit is set. The halted queue resumes reception once the user clears the
RSTAT[QHLT] bit.
Non-octet error
(dribbling bits)
The Ethernet controller handles a nibble of dribbling bits if the receive frame terminates as non-octet
aligned and it checks the CRC of the frame on the last octet boundary. If there is a CRC error, the
frame non-octet aligned (RxBD[NO]) error is reported, IEVENT[RXF] is set, and the alignment error
counter increments. The TSEC relies on the statistics collector block to increment the receive
alignment error counter (RALN). If there is no CRC error, no error is reported.
CRC error
If a CRC error occurs, the controller sets RxBD[CR], closes the buffer, and sets IEVENT[RXF]. This
TSEC relies on the statistics collector block to record the event. After receiving a frame with a CRC
error, the receiver then enters hunt mode.
Memory Read
Error
A system bus error occurred during a DMA transaction. The controller sets IEVENT[EBERR] and
discards the frame. In addition the RSTAT[QHLT] bit is set. The halted queue resumes reception once
the RSTAT[QHLT] bit is cleared.
Babbling
Receive Error
A frame is received that exceeds the MAC’s maximum frame length. The controller sets
IEVENT[BABR] and continues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com