Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 754 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 754 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 758Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-128
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.6.3.2 Receive Buffer Descriptor (RxBD)
In the RxBD the user initializes the E, I, and W bits in the first word and the pointer in second
word. If the data buffer is used, the TSEC modifies the E, L, F, M, BC, MC, LG, NO, SH, CR, OV,
and TR bits and writes the length of the used portion of the buffer in the first word. The M, BC,
Offset + 0
6
DEF
Defer indication. Hardware updates this bit if an excessive defer condition occurs.
0 This frame was not deferred.
1 If HAFDUP[EXCESS_DEFER]=1, this frame did not have a collision before it was sent
but it was sent late because of deferring. If HAFDUP[EXCESS_DEFER]=0, this frame
was aborted and not sent.
Offset + 0
7
TO1
Transmit software ownership. This read/write bit may be utilized by software, as necessary.
Its state does not affect the hardware nor is it affected by the hardware.
Offset + 0
8
HFE/LC
Huge Frame Enable (written by user)/Late collision (written by TSEC)
Valid only while it is set in first BD and the MACCFG2[Huge Frame] is cleared. If
MACCFG2[Huge Frame] is set, this bit is ignored.
0 Truncate transmit frame if its length is greater than the MAC’s Maximum Frame Length
register.
1 Do not truncate the transmit frame.
Late collision. Written by TSEC
0 No late collision
1 A collision occurred after 64 bytes are sent. The TSEC terminates the transmission and
updates LC.
Offset + 0
9
RL
Retransmission Limit. Written by TSEC
0 Transmission before maximum retry limit is hit
1 The transmitter failed (max. retry limit + 1) attempts to successfully send a message due
to repeated collisions. The TSEC terminates the transmission and updates RL.
Offset + 0 10–13
RC
Retry Count. Written by TSEC
0000 The frame is sent correctly the first time or if RL is set then the retry limit has been
reached
nnnn One or more attempts were needed to send the transmit frame. If this field is 15, then
15 or more retries were needed. The Ethernet controller updates RC after sending
the buffer.
Offset + 0
14
UN
Underrun. Written by TSEC
0 No underrun encountered (data was retrieved from external memory in time to send a
complete frame)
1 The Ethernet controller encountered a transmitter underrun condition while sending the
associated buffer. The TSEC terminates the transmission and updates UN.
Offset + 0
15
TXTRUNC TX truncation. Set in the last TxBD (TxBD[L] is set) when IEVENT[BABT] occurs for the
frame
Offset + 2
0–15
Data
Length
Data length is the number of octets the TSEC transmits from this BD’s data buffer. It is never
modified by the TSEC. This field must be greater than zero.
Offset + 4
0–31
TX Data
Buffer
Pointer
The transmit buffer pointer contains the address of the associated data buffer. There are no
alignment requirements for this address.
Table 14-120. Transmit Data Buffer Descriptor (TxBD) Field Descriptions
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com