Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 752 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 752 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 756Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-126
Freescale Semiconductor
Three-Speed Ethernet Controllers
Figure 14-116. Example of TSEC Memory Structure for BD
Figure 14-117. Buffer Descriptor Ring
14.6.3.1 Transmit Data Buffer Descriptor (TxBD)
Data is presented to the TSEC for transmission by arranging it in memory buffers referenced by
the TxBDs. In the TxBD the user initializes the R, PAD/CRC, W, L, and TC bits and the length (in
bytes) in the first word, and the buffer pointer in the second word.
Status & Control
Data Length
Buffer Pointer
Status & Control
Data Length
Buffer Pointer
Rx Buffer Descriptors
Tx Buffer Descriptors
RxBD
Table
TxBD
Table
TxBD Table
Pointer
RxBD Table
Pointer
(TBASE)
(RBASE)
Memory Map
System Memory
Tx Buffer
Rx Buffer
Beginning BD pointer
1
3
0
2
4
W = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com