Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 771 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 771 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 775Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-145
Initialize MAC Station Address,
MACSTNADDR2[0110_0000_0000_0010_0000_0000_0000_0000]
to 02608C:876543, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Initialize MAC Station Address,
MACSTNADDR1[0100_0011_0110_0101_1000_0111_1000_1100]
to 02608C:876543, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Assign a Physical address to the TBI,
TBIPA[0000_0000_0000_0000_0000_0000_0001_0000]
set to 16, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Setup the MII Mgmt clock speed,
MIIMCFG[0000_0000_0000_0000_000_0000_0000_0111]
Set source clock divide by 28, for example, to insure that EC_MDC clock speed is not greater than 2.5 MHz.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the TSEC MII Mgmt bus is idle.
Set up the MII Mgmt for a write cycle to external the PHY AN Advertisement register (write the PHY address and
Register address),
MIIMADD[0000_0000_0000_0000_0001_0001_0000_0100]
The AN Advertisement register is at offset address 0x04 from the external PHY address. (in this case 0x11)
Perform an MII Mgmt write cycle to the external PHY.
Write to MII Mgmt Control with 16-bit data intended for the external PHY AN Advertisement register,
MIIMCON[0000_0000_0000_0000_u0uu_uuuu_uuuu_uuuu]
Where u must be selected by the user for proper system configuration.
Check to see if MII Mgmt write is complete.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the write cycle was completed.
Set up the MII Mgmt for a write cycle to the external PHY Control register (write the PHY address and Register
address),
MIIMADD[0000_0000_0000_0000_0001_0001_0000_0000]
The Control register is at offset address 0x00 from the external PHY address. (in this case 0x11)
Perform an MII Mgmt write cycle to the external PHY.
Write to MII Mgmt Control with 16-bit data intended for the external PHY Control register,
MIIMCON[0000_0000_0000_0000_0001_0010_0000_0000]
This enables the external PHY to restart Auto-Negotiations using the configuration set in the AN Advertisement
register.
Check to see if MII Mgmt write is complete.
Read MII Mgmt Indicator register and check for Busy = 0,
MIIMIND ---> [0000_0000_0000_0000_0000_0000_0000_0000]
This indicates that the write cycle was completed.
Check to see if PHY has completed Auto-Negotiation.
Set up the MII Mgmt for a read cycle to the PHY MII Mgmt register (write the PHY address and Register address),
MIIMADD[0000_0000_0000_0000_0000_0010_0000_0001]
The PHY Status register is at address 0x1 and in this case the PHY Address is 0x2.
Table 14-133. RGMII Mode Register Initialization Steps (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com