Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 774 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 774 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 778Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 774 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-148
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-135 describes the shared signals for the RTBI interface.
Table 14-136 describes the register initializations required to reconfigure the PHY to RTBI mode
following initial auto-negotiation.
RX_ER
I
1
COL
I
1
CRS
I
1
I
Sum
25
Sum
12
Table 14-135. Shared RTBI Signals
TSEC Signals
I/O
No. of
Signals
RTBI Signals
I/O
No. of
Signals
Function
EC_MDIO
I/O
1
EC_MDIO
I/O
1
Management interface I/O
EC_MDC
O
1
EC_MDC
O
1
Management interface Clock
EC_GTX_CLK12
5
I1
EC_GTX_CLK12
5
I
1
Reference Clock
Sum
3
Sum
3
Table 14-136. RTBI Mode Register Initialization Steps
Have the TSECn_GTX_CLK configuration signal pulled high and
the EC_MDC signal pulled low for RTBI mode.
(TSEC attempts to auto-negotiate after system reset.)
Set Soft_Reset,
MACCFG1[1000_0000_0000_0000_0000_0000_0000_0000]
Clear Soft_Reset,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0101]
Initialize MACCFG2,
MACCFG2[0000_0000_0000_0000_0111_0010_0000_0101]
(I/F Mode = 2, Full Duplex = 1)
Initialize ECNTRL,
ECNTRL[0000_0000_0000_0000_0001_0000_0000_0000]
(This example has Statistics Enable = 1)
Table 14-134. RTBI Interlace Mode Signal Configuration (continued)
TSEC Signals
Frequency [MHz] 125
Voltage[V] 3.3/2.5
RTBI Interface
Frequency [MHz] 62.5
Voltage[V] 2.5
Signals
I/O
No. of
Signals
Signals
I/O
No. of
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com