Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 772 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 772 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 769Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 770Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 771Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 772Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 773Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 774Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 776Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-146
Freescale Semiconductor
Three-Speed Ethernet Controllers
Perform an MII Mgmt read cycle of Status Register.
Clear MIIMCOM[Read Cycle]
Set MIIMCOM[Read Cycle]
(Uses the PHY address (2) and Register address (2) placed in MIIMADD register)
When MIIMIND[BUSY]=0,
read the MIIMSTAT register and check bit 10. (AN Done)
MIIMSTAT ---> [0000_0000_0000_0000_0000_0000_0010_0000]
Other information about the link is also returned. (Extend Status, No pre, Remote Fault, An Ability, Link status, extend
Ability)
Perform an MII Mgmt read cycle of AN Expansion Register.
Setup MIIMADD[0000_0000_0000_0000_0001_0001_0000_0110]
Clear MIIMCOM[Read Cycle]
Set MIIMCOM[Read Cycle]
(Uses the PHY address (0x11) and Register address (6) placed in MIIMADD register)
When MIIMIND[BUSY]=0,
read the MII Mgmt AN Expansion register and check bits 13 and 14. (NP Able and Page Rx’d)
MII Mgmt AN Expansion ---> [0000_0000_0000_0000_0000_0000_0000_0110]
Perform an MII Mgmt read cycle of AN Link Partner Base Page Ability Register. (Optional)
Setup MIIMADD[0000_0000_0000_0000_0001_0001_0000_0101]
Clear MIIMCOM[Read Cycle]
Set MIIMCOM[Read Cycle]
(Uses the PHY address (0x11) and Register address (5) placed in MIIMADD register)
When MIIMIND[BUSY]=0,
read the MII Mgmt AN Link Partner Base Page Ability register and check bits 9 and 10. (Half and Full Duplex)
MII Mgmt AN Link Partner Base Page Ability ---> [0000_0000_0000_0000_0000_000x_x110_0000]
Clear IEVENT register,
IEVENT[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize IMASK (Optional)
IMASK[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize IADDRn (Optional)
IADDRn[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize GADDRn (Optional)
GADDRn[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize RCTRL (Optional)
RCTRL[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize DMACTRL (Optional)
DMACTRL[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]
Initialize (Empty) Transmit Descriptor ring and fill buffers with Data
Initialize TBASE,
TBASE[LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_L000]
Initialize (Empty) Receive Descriptor ring and fill with empty buffers
Initialize RBASE,
RBASE[LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_L000]
Enable Rx and Tx,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0101]
Table 14-133. RGMII Mode Register Initialization Steps (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com