Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 779 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 779 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 775Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 776Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-1
Chapter 15
DMA Controller
This chapter describes the DMA controller of this device.
15.1 Introduction
The DMA controller transfers blocks of data between the RapidIO controller, PCI, the local bus
controller (LBC) interface, and the local address space, independent of the e500 core or external
hosts.
15.1.1 Block Diagram
Figure 15-1 shows the block diagram of the DMA controller.
Figure 15-1. DMA Block Diagram
15.1.2 Overview
The DMA controller has four high-speed DMA channels. Both the e500 core and external devices
can initiate DMA transfers. All channels are capable of complex data movement and advanced
CHN 0
CHN 1
CHN 2
CHN 3
Arbitration and Bandwidth Control
Source
Controls
Destination
Controls
Address
Address
Address
Controls
Tenure
Data
Controls
Tenure
Address Interface
Data Interface
DMA Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com