Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 781 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 781 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 777Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 778Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 785Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-3
•
External control capability: This allows an external agent to start, pause, and check the
status of a DMA transfer which has already been initialized.
•
Channel continue capability: The channel continue capability allows software the
flexibility of having the DMA controller start with descriptors that have already been
programmed while software continues to build more descriptors in memory.
•
Channel abort capability: The software can abort a previously initiated transfer by setting
the bit MRn[CA]. The DMA controller terminates all outstanding transfers initiated by the
channel without generating any errors before entering an idle state.
Table 15-2 describes bit settings required for each DMA mode of operation
Table 15-1. Relationship of Modes and Features
Mode
Mode with One Additional Feature Mode with Two Additional Features
B (Basic)
BD (Basic direct)
BDS (BD single-write start)
BDE (BD external control)
BC (Basic chaining)
BCE (BC external control)
BCS (BC single-write start)
Ext (Extended) ExtD (Extended direct)
ExtDS (ExtD single-write start)
ExtDE (ExtD external control)
ExtC (Extended chaining)
ExtCE (ExtC external control)
ExtCS (ExtC single-write start)
Table 15-2. DMA Mode Field Descriptions
Modes with Features
MRn[XFE] MRn[CTM] MRn[SRW]
MRn[EM] MRn[CDSM/SWSM] MRn[EMS_EN]
Basic Direct Modes
Basic direct
0
1
0
0
0
0
Basic direct external control
0
1
0
0
0
1
Basic direct single-write start
0
1
1
0
1 or 0
0
Basic Chaining Modes
Basic chaining
0
0
Reserved
0
0
0
Basic chaining external control
0
0
Reserved
0
0
1
Basic chaining single-write start
0
0
Reserved
0
1
0
Extended Direct Modes
Extended direct
1
1
0
0
0
0
Extended direct external control
1
1
0
0
0
1
Extended direct single-write
start
11
10
1 or 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com