Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 783 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 783 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 779Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 780Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 781Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 782Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 783Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 784Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 785Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 786Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 787Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
15-5
15.2 External Signal Descriptions
This section describes the DMA signals.
15.2.1 Signal Overview
Figure 15-3 summarizes the DMA controller signals.
Figure 15-3. DMA Signal Summary
Note that the three DMA signals for DMA channel 3 are multiplexed with the IRQ9–11 signals on
the MPC8540 device. These functions are mutually exclusive and the active function is specified
in the PMUXCR register of the global utilities block as described in Section 18.4.1.10, “Alternate
Function Signal Multiplex Control Register (PMUXCR).”
DMA_DDONE0
DMA
External
Control
Interface
DMA
DMA_DREQ0
DMA_DACK0
1
1
1
DMA_DDONE1
DMA_DREQ1
DMA_DACK1
1
1
1
DMA_DDONE2
DMA_DREQ2
DMA_DACK2
1
1
1
DMA_DDONE3
DMA_DREQ3
DMA_DACK3
1
1
1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com